Part Number Hot Search : 
AAT4670 G25Q80 ML6XX25 55N10 164AP GOBK1 GRM32E ECCM1
Product Description
Full Text Search
 

To Download CPH3337 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN8159
CPH3337
P-Channel Silicon MOSFET
CPH3337
Features
* * *
General-Purpose Switching Device Applications
Low ON-resistance. Ultrahigh-speed switching. 2.5V drive.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Symbol VDSS VGSS ID IDP PD Tch Tstg PW10s, duty cycle1% Mounted on a ceramic board (900mm2!0.8mm) Conditions Ratings --20 10 --3.5 --14 1.0 150 --55 to +150 Unit V V A A W C C
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Symbol V(BR)DSS IDSS IGSS VGS(off) yfs RDS(on)1 RDS(on)2 RDS(on)3 Ciss Coss Crss td(on) tr td(off) tf Conditions ID=--1mA, VGS=0 VDS=-20V, VGS=0 VGS=8V, VDS=0 VDS=-10V, ID=--1mA VDS=-10V, ID=-2A ID=--2A, VGS=-4.5V ID=--2A, VGS=-4V ID=--1A, VGS=-2.5V VDS=-10V, f=1MHz VDS=-10V, f=1MHz VDS=-10V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. Ratings min --20 --1 10 --0.4 3.8 6.3 53 55 81 903 126 115 16 54 107 82 74 77 113 --1.4 typ max Unit V A A V S m m m pF pF pF ns ns ns ns
Marking : YM
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
D1004PE TS IM TB-00000785 No.8159-1/4
CPH3337
Continued from preceding page.
Parameter Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol Qg Qgs Qgd VSD Conditions VDS=--10V, VGS=-4V, ID=-3.5A VDS=--10V, VGS=-4V, ID=-3.5A VDS=--10V, VGS=-4V, ID=-3.5A IS=--3.5A, VGS=0 Ratings min typ 9.3 2.5 1.9 --0.85 --1.5 max Unit nC nC nC V
Package Dimensions unit : mm 2152A
2.9 0.4 3
0.6
Switching Time Test Circuit
VIN
0.2
VDD= --10V
0.15
0V --4V VIN ID= --2A RL=5
0.05
1.6 2.8
D
PW=10s D.C.1%
VOUT
0.6
1 1.9
2
G
0.7 0.9
1 : Gate 2 : Source 3 : Drain SANYO : CPH3
0.2
CPH3337 P.G 50
S
--3.5
ID -- VDS
--8.0 --10.0V V --6.0V
--4.0 V --3.0 V
--3.5
ID -- VGS
VDS= --10V
--2. 5V
--3.0
. --2
0V
--3.0
Drain Current, ID -- A
--2.5
Drain Current, ID -- A
--2.5
--2.0
--1.5V
--2.0
--1.5
--1.5
Ta=7 5C
0 --0.5 --1.0
--1.0
--1.0
--0.5 0 0 --0.1 --0.2 --0.3 --0.4
VGS= --1.0V
--0.5 --0.6 --0.7
--0.5 0
25 --25 C C
--1.5
--2.0
--2.5 IT08666
Drain-to-Source Voltage, VDS -- V
140
IT08665 140
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
RDS(on) -- Ta
Ta=25C
Static Drain-to-Source On-State Resistance, RDS(on) -- m
Static Drain-to-Source On-State Resistance, RDS(on) -- m
120
120
100
ID= --1A --2A
100
80
80
I D=
, VG --1A
--2 S=
.5V
60
60
40
40
V = --4.0 , V GS = --2A ID --4.5V V S= --2A, G I D=
20 0 0 --2 --4 --6 --8 --10 --12 IT08667
20 0 --60
--40
--20
0
20
40
60
80
100
120
140
160
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta -- C
IT08668
No.8159-2/4
CPH3337
10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2 0.01 --0.001 2 3 57 --0.01 2 3 5 7--0.1 23 5 7--1.0 23 5 7 --10 IT08669 5 3 2 3
yfs -- ID
VDS= --10V
25
Forward Transfer Admittance, yfs -- S
7 5 3 2
IF -- VSD
VGS=0
C
Forward Current, IF -- A
= Ta
--
C 25
--1.0 7 5 3 2
C 75
5C
25 C
--0.6
3 2
--0.01 7 5 3 2
--0.001 --0.3
--0.4
--0.5
Ta= 7
--0.7
--25 C
--0.8
--0.1 7 5
--0.9
--1.0
--1.1
Drain Current, ID -- A
1000 7 5
SW Time -- ID
Ciss, Coss, Crss -- VDS
f=1MHz
Diode Forward Voltage, VSD -- V
IT08670
VDD= --10V VGS= --4V
Ciss, Coss, Crss -- pF
Switching Time, SW Time -- ns
2 100 7 5 3 2 10 7 5 --0.01
td(off)
1000 7 5 3 2
Ciss
tf
td(on)
tr
Coss
100 7 5 3
Crss
2
3
5 7 --0.1
2
3
5 7 --1.0
2
3
Drain Current, ID -- A
--4.0 --3.5 --3.0 --2.5 --2.0 --1.5 --1.0 --0.5 0 0 1 2 3 4 5 6 7 8
5 7 --10 IT08671 3 2 --10 7 5
0
--5
--10
--15
--20
--25
--30 IT08672
VGS -- Qg
Drain-to-Source Voltage, VDS -- V
ASO
Gate-to-Source Voltage, VGS -- V
VDS= --10V ID= --3.5A
Drain Current, ID -- A
IDP= --14A ID= --3.5A
3 2 --1.0 7 5 3 2 --0.1 7 5 3 2
DC
<10s 1 1m 00 s s 10 ms 10 0m s
op
era
tio
n
Operation in this area is limited by RDS(on). Ta=25C Single pulse Mounted on a ceramic board (900mm2!0.8mm)
23 5 7 --0.1 23 5 7 --1.0 23 5 7 --10
9
10
--0.01 --0.01
Total Gate Charge, Qg -- nC
1.2
IT08673
PD -- Ta
Drain-to-Source Voltage, VDS -- V
23 IT08674
Allowable Power Dissipation, PD -- W
1.0
M
0.8
ou
nt
ed
on
ac
er
0.6
am
ic
bo
ar
d(
0.4
90
0m
m2 !
0.2
0.8
m
m
)
160
0 0 20 40 60 80 100 120 140
Ambient Temperature, Ta -- C
IT08675
No.8159-3/4
CPH3337
Note on usage : Since the CPH3337 is a MOSFET product, please avoid using this device in the vicinity of highly charged objects.
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of December, 2004. Specifications and information herein are subject to change without notice.
PS No.8159-4/4


▲Up To Search▲   

 
Price & Availability of CPH3337

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X